PART |
Description |
Maker |
BTS725-L1 BTS725-L1E3240 |
2 Channel PROFET Smart High Side Powe...
|
Infineon
|
PE2235-30 |
HIGH POWE R DIRECTIONAL COUPLER FREQUENCY RANGE: 4-12 GHz
|
Pasternack Enterprises, Inc.
|
XAL5030-161ME XAL5050-103ME XAL5050-562ME XAL5050- |
High Temperature Shielded Power Inductors Shielded Power Inductors ?XAL50xx
|
Coilcraft lnc.
|
B25671A5287A37509 B25671A5287A375 |
Film Capacitors - Powe Factor Correction PoleCap capacitor
|
EPCOS
|
GMBT194 |
N P N S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
|
E-Tech Electronics LTD GTM CORPORATION
|
142-06J08SL 144-06J12L 143-16J12SL 142-06J08L 143- |
RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.22 uH - 0.248 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.193 uH - 0.306 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.638 uH - 0.801 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.275 uH - 0.355 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.315 uH - 0.423 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.115 uH - 0.121 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.382 uH - 0.422 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.391 uH - 0.493 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.355 uH - 0.477 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.693 uH - 0.846 uH, VARIABLE INDUCTOR
|
Coilcraft, Inc. COILCRAFT INC
|
BTA212X-800B BTA212X-800C BTA212X-800F BTA212X BTA |
Shielded Multiconductor Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:40; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Three quadrant triacs high commutation Three quadrant triacs guaranteed commutation
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
STA9KXXXP |
(STA9K7.5P - STA9K100P) 9000 WATTS PEAK PULSE POWE 7.5-100 VOLTS UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
Solid States Devices
|
3197 A3197ELT A3197EU A3197LLT A3197LU A3196LLT A3 |
PROTECTED HIGH-TEMPERATURE OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED/ HIGH-TEMPERATURE/ OPEN-COLLECTOR HALL-EFFECT LATCH Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(保护型,工作于高温,集电极开路霍尔效应锁存器) IC SENSOR QWHEEL ROTARY 14TSSOP Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(淇?????宸ヤ?浜??娓╋???????璺??灏??搴??瀛??) Protected, high-temperature, hall-effect latch with active pull-down
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
MPXV5050VC6T1 |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|
MPXV6115VC6U |
High Temperature Accuracy ntegrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|
|